PART |
Description |
Maker |
IMP1232 IMP1232LP IMP1232LPCMA IMP1232LPEMA IMP123 |
5V μP Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit 5V レP Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit 5V P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit Bi-Lobe Standard Metal Shell Nano Offset Connector
|
IMP[IMP, Inc] IMP[IMP Inc] IMP Inc IMP INC.
|
MAX6335US20D3-T MAX6336US20D3-T MAX6337US20D3-T MA |
4-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits with Manual Reset Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 4-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits with Manual Reset 4-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits with Manual Reset 4-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits with Manual Reset 4引脚,超低电压,低功耗与手动复位レP复位电路 2.5-W Mono Class-D Audio Amplifier with Variable Gain (TPA2010) 9-DSBGA -40 to 85 4引脚,超低电压,低功耗与手动复位レP复位电路 Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX6713_EXS-T10 MAX6711_EXS-T MAX6711_EXS-T10 MAX6 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
|
MAXIM[Maxim Integrated Products]
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AAT3532 AAT3532IAS-B1 AAT3532IAS-T1 |
MicroPower?/a> Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit MicroPower Microprocessor Reset Circuit TRANSFORMER, 250VA, 2 X 60-55-0-55-60; Power, AC:250VA; Voltages, primary:0-240-380-415; Voltages, secondary:60-55-0-55-60, 60-55-0-55-60; Power, per secondary winding:125VA; Centres, fixing LxW:92 x 75 x 6 dia; Depth, RoHS Compliant: Yes MicroPowerMicroprocessor Reset Circuit Quad 2-input positive-AND gates with open collector outputs 14-PDIP 0 to 70 微功耗微处理器复位电路⑩
|
ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
70I-1A 70D-5A 70X-2/10A 72A-DUMMY 70L-6A 70M-8A 70 |
3-Pin Microprocessor Reset Circuits Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference 3.0V/3.3V Microprocessor Supervisory Circuits Telpower? Indicating Fuse and Holder 300 Volts DC ?1/10-10A Telpower Indicating Fuse and Holder
|
Cooper Bussmann, Inc.
|
V6319 |
3-Pin Microprocessor Reset Circuit
|
ETC
|
V6309RSP3B V6309SSP3B V6319TSP3B V6309 V6309LSP3B |
3-Pin Microprocessor Reset Circuit
|
EMMICRO[EM Microelectronic - MARIN SA]
|
V6309 |
3-Pin Microprocessor Reset Circuit
|
ETC
|
MAX810 |
3-Pin Microprocessor Reset Circuits(3绠¤?寰?????澶???????
|
Maxim Integrated Products, Inc.
|